Part Number Hot Search : 
4A18R D1827 PMB2401S IIRL3103 UMZ27N08 MC1505 XFTEL5 F16048
Product Description
Full Text Search
 

To Download PT481E00000F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PT481E00000F
PT481E00000F
Pale Blue Transparent Resin, Narrow Angle, Darlington Phototransistor
Features
1. 2. 3. 4. 5. 6. Side view detection package Molded plastic with pale blue transparent resin lens Peak sensitivity wavelength: 800 nm (TYP.) High sensitivity (IC: 10 mA @ Ee = 0.1 mW/cm2) Narrow acceptance angle (13 TYP.) Lead-free and RoHS directive compliant
Agency Approvals/Compliance
1. Compliant with RoHS directive (2002/95/EC) 2. Content information about the six substances specified in "Management Methods for Control of Pollution Caused by Electronic Information Products Regulation" (popular name: China RoHS) (Chinese: ); refer to page 7.
Applications
1. 2. 3. 4. 5. Optoelectronic switches Automatic stroboscopes Mechanical Systems Office automation equipment Audio visual equipment
Notice The content of data sheet is subject to change without prior notice. In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
1
Sheet No.: D1-A01301EN Date: November 30, 2007 (c)SHARP Corporation
PT481E00000F External Dimensions
2.95
2.15
R0.8 0.1 2-C0.5 3.0 (4)
1.15 0.75 (4)
0.5 MAX. Gate burr
0.5
1.5
1.5 E. PIN R0.5
4.0
0.15 MAX. (4) (4) (60) 0.15
1.0 MAX. resin burr
(1.7)
1.4
2 - 0.8
0.2 MAX. Resin burr
17.5 -1.0
+1.5
2 - 0.4 -0.1
+0.3
2 - 0.45 -0.1
+0.3
(2.54)
1.6 (6) (6) (6) (6)
0.5 MIN.
Terminal connection 1 2
Pin Arrangement 1 (6) 2.8 NOTES: 1. Units: mm 2. Unspecified tolerence: 0.2 mm 3. ( ): Reference dimensions 4. Package: Light blue transparent epoxy resin 5. Mold burrs (0.05 mm MAX.) are not included in outline dimensions 6. Resin protrusion: 1.0 mm MAX. 7. Lead step is 1.4 mm MAX. from the part's resin (6) 2 No. 1 2 Name Emitter Collector
Sheet No.: D1-A01301EN
2
PT481E00000F Absolute Maximum Ratings
Parameter Collector-emitter voltage Emitter-collector voltage Collector current Collector power dissipation Operating temperature Storage temperature Soldering temperature *1 Symbol VCEO VECO IC PC Topr Tstg Tsol 35 6 50 75 -25 to +85 -40 to +85 260
(Ta = 25C)
Rating
Unit V V mA mW C C C
*
1 5 s (MAX.) no closer than 1.4 mm from resin edge.
Electro-optical Charactertistics
Parameter Collector current Dark current Collector-emitter saturation voltage Collector-emitter breakdown voltage Emitter-collector breakdown voltage Peak sensitivity wavelength Response time (Rise) Response time (Fall) Symbol IC ICEO VCE(sat) BVCEO BVECO p tr tf Conditions *1 Ee = 0.1 mW/cm2, VCE = 2 V Ee = 0, VCE = 10 V Ee = 1 mW/cm2, Ic = 2.5 mA IC = 0.1 mA, Ee = 0 IE = 0.01 mA, Ee = 0 - VCE = 2 V, IC = 10 mA, RL = 100 MIN. 1.5 - - 35 6 - - - TYP. 10 1.0 0.7 - - 800 80 70 MAX. 25 1000 1.0 - - - - -
(Ta = 25C)
Unit mA nA V V V nm s s
*
1 Ee: Irradiance by CIE standard light source A (tungsten lamp)
Fig. 1 Collector Power Dissipation vs. Ambient Temperature
Collector power dissipation PC (mW) 80 75 70
Fig. 2 Spectral Sensitivity (TYP.)
Ta = 25C 100 90 80 Relative sensitivity (%) 70 60 50 40 30 20
60 50 40 30 20 15 10 0 -25
10 0 400 0 25 50 75 85 100 500 600 700 800 900 1000 1100
Wavelength (nm)
Ambient temperature Ta (C)
Sheet No.: D1-A01301EN
3
PT481E00000F
Fig. 3 Collector Dark Current vs. Ambient Temperature
10-6 VCE = 10 V 10-7 Collector dark current I CEO (A) 10-8 10-9 10-10 10-11 10-12 10-13 -25 0 25 50 75 100
Fig. 5 Relative Collector Current vs. Ambient Temperature
175 VCE = 2 V Ee = 0.1 mW/cm2 Relative collector current (%) 150
125
100
75
50 -25
0
25
50
75
100
Ambient temperature Ta (C)
Ambient temperature Ta (C)
Fig. 4 Collector Current vs. Irradiance
VCE = 2 V Ta = 25C
Fig. 6 Collector Current vs. Collector-Emitter Voltage
25
Ta = 25C Pc (MAX.) Ee = 0.2 mW/cm2
2
Collector current IC (mA)
20
10
Collector current IC (mA)
15
0.15 m
W/cm
10
0.1 mW/c
m2
2
2
0.08 mW/cm
5
1 10-1 Irradiance Ee (mW/cm2) 1
0.06 mW/cm 0.04 mW/cm2
0.02 mW/cm2
0 0
1
2
3
4
5
6
Collector-emitter voltage VCE (V)
Sheet No.: D1-A01301EN
4
PT481E00000F
Fig. 7 Response Time vs. Load Resistance
1000 VCE = 2 V IC = 10 mA Ta = 25C
tr
Fig. 10 Relative Output vs Distance
Emitter: GL480E00000F 100
Response time (ms)
100
Relative output (%)
1000 5000
tf
10
td
10
ts
1
1 10 100 Load resistance RL (W)
1
10
Fig. 8 Test Circuit for Response Time
Input
Distance between emitter and detector (mm)
Fig. 11 Sensitivity vs. Axis (TYP.)
(Ta = 25C) -20
Output Output VCC RL td tr ts 10% 90%
-10
0 100
+10
+20
-30 Relative sensitivity (%) 80
+30
-40
tf
60
+40
Fig. 9 Collector-to-Emitter Saturation Voltage vs. Irradience
(Ta = 25C) 2.0 1.8
-50 -60 -70 -80
40
+50 +60
20
+70 +80
10 mA
IC = 0.5 mA
20 mA
1 mA
2 mA
5 mA
-90
Collector-emitter saturation voltage VCE(sat) (V)
1.6 1.4 1.2 1.0 0.8
0 Angular displacement
+90
0.6 0.005 0.01
0.02 0.05 0.1
0.2
0.5
1
Irradiance Ee (mW/cm2)
Graph data is for reference only and is not guaranteed data.
Sheet No.: D1-A01301EN
5
PT481E00000F Design Notes
1. This product is not designed to resist electromagnetic and ionized-particle radiation.
Manufacturing Guidelines Soldering Instructions
1. Sharp does not recommend soldering this part using preheat or solder reflow methods. Leads on this part are pre-coated with lead-free solder. See Figure 12. 2. If hand soldering, use temperatures 260 for 5 seconds. 3. When mounting this device, care should be taken to prevent any boundary exfoliation (pad lifting) between the solder, the pad, and the circuit board. 4. Do not subject the package to excessive mechanical force during soldering as it may cause deformation or defects in plated connections. Internal connections may be severed due to mechanical force placed on the package due to the PCB flexing during the soldering process.
Fig. 12 Soldering Area
1.4 mm
Solderable
Cleaning Instructions
1. Confirm this device's resistance to process chemicals before use, as certain process chemicals may affect the optical characteristics. 2. Solvent cleaning: Solvent temperature should be 45C or below. Immersion time should be 3 minutes or less. 3. Ultrasonic cleaning: The effect upon devices varies due to cleaning bath size, ultrasonic power output, cleaning time, PCB size and device mounting circumstances. Sharp recommends testing using actual production conditions to confirm the harmlessness of the ultrasonic cleaning methods. 4. Recommended solvent materials: Ethyl alcohol, Methyl alcohol, and Isopropyl alcohol.
Sheet No.: D1-A01301EN
6
PT481E00000F Presence of ODCs (RoHS Compliance)
This product shall not contain the following materials, and they are not used in the production process for this product: * Regulated substances: CFCs, Halon, Carbon tetrachloride, 1,1,1-Trichloroethane (Methylchloroform). Specific brominated flame retardants such as the PBBOs and PBBs are not used in this product at all. This product shall not contain the following materials banned in the RoHS Directive (2002/95/EC). * Lead, Mercury, Cadmium, Hexavalent chromium, Polybrominated biphenyls (PBB), Polybrominated diphenyl ethers (PBDE). * Content information about the six substances specified in "Management Methods for Control of Pollution Caused by Electronic Information Products Regulation" (Chinese: )
Toxic and Hazdardous Substances Category Lead (Pb) mercury (Hg) Cadmium (Cd) Hexavalent chromiun (Cr6+) Polybrominated biphenyls (PBB) Polybrominated diphenyl ethers (PBDE)
Photo Transistor
NOTE: indicates that the content of the toxic and hazardous substance in all the homogeneous materials of the part is below the concentration limit requirement as described in SJ/T 11363-2006 standard.
Sheet No.: D1-A01301EN
7
PT481E00000F Packing Specifications
1. Parts are packed in a plastic zip-top bag, with a quantity of 1000 pieces per bag. 2. Bags are secured in a box as shown in Figure 13. 3. Product mass: 0.09 g (approximately)
Fig. 13 Packing Composition
Inner packing
Product (1000 pcs)
Plastic zipper bag
NOTES: 1. Inner packing material : Plastic zipper Bag (Polyethylene) 2. Quantity: 1000 pcs/bag
Outer packing
Cushioning material (2 sheets) Plastic zipper bag with products (2 bags) Cushioning material (2 sheets)
Packing case
Cellophane tape
NOTES: 1. Outer material : Packing case (Corrugated cardboard), Cushioning material (Urethane), Cellophane tape 2. Quantity: 2000 pcs/box 3. Regular packaged mass: Approximately 270 g 4. Indication: Model No., Quantity, and Lot No.
Model No., Quantity, and Lot No.
Sheet No.: D1-A01301EN
8
PT481E00000F Important Notices
* The circuit application examples in this publication are provided to explain representative applications of SHARP devices and are not intended to guarantee any circuit design or license any intellectual property rights. SHARP takes no responsibility for any problems related to any intellectual property right of a third party resulting from the use of SHARP's devices. * Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device. SHARP reserves the right to make changes in the specifications, characteristics, data materials, structure, and other contents described herein at any time without notice in order to improve design or reliability. Manufacturing locations are also subject to change without notice. * Observe the following points when using any devices in this publication. SHARP takes no responsibility for damage caused by improper use of the devices which does not meet the conditions and absolute maximum ratings to be used specified in the relevant specification sheet nor meet the following conditions: (i) The devices in this publication are designed for use in general electronic equipment designs such as: --- Personal computers --- Office automation equipment --- Telecommunication equipment (terminal) --- Test and measurement equipment --- Industrial control --- Audio visual equipment --- Consumer electronics (ii) Measures such as fail-safe function and redundant design should be taken to ensure reliability and safety when SHARP devices are used for or in connection with equipment that requires higher reliabilty such as:
--- Transportation control and safety equipment (i.e., aircraft, trains, automobiles, etc.) --- Traffic signals --- Gas leakage sensor breakers --- Alarm equipment --- Various safety devices, etc. (iii) SHARP devices shall not be used for or in connection with equipment that requires an extremely high level of reliability and safety such as: --- Space applications --- Telecommunication equipment (trunk lines) --- Nuclear power control equipment --- Medical and other life support equipment (e.g. scuba) * If the SHARP devices listed in this publication fall within the scope of strategic products described in the Foreign Exchange and Foreign Trade Law of Japan, it is necessary to obtain approval to export such SHARP devices. * This publication is the proprietary product of SHARP and is copyrighted, with all rights reserved. Under the copyright laws, no part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, for any purpose, in whole or in part, without the express written permission of SHARP. Express written permission is also required before any use of this publication may be made by a third party. * Contact and consult with a SHARP representative if there are any questions about the contents of this publication.
Sheet No.: D1-A01301EN
9


▲Up To Search▲   

 
Price & Availability of PT481E00000F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X